Part Number Hot Search : 
30FQ045 FM220 KIC7SZ04 CA556 CA556 FIP11F10 GRM21 M3501
Product Description
Full Text Search
 

To Download 2N6193 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TECHNICAL DATA
PNP MEDIUM POWER SILICON TRANSISTOR
Qualified per MIL-PRF-19500/561 Devices 2N6193 Qualified Level JAN, JANTX JANTXV
MAXIMUM RATINGS Ratings
Collector-Emitter Voltage Collector-Base Voltage Emitter-Base Voltage Collector Current Base Current Total Power Dissipation
Symbol
VCEO VCBO VEBO IC IB PT Top, Tstg Symbol RJC
2N6193
100 100 6.0 5.0 1.0 1.0 10 -65 to +200 Max. 17.5
Units
Vdc Vdc Vdc Adc Adc W W 0 C Unit C/W
@ TA = +250C(1) @ TC = +250C(2) Operating & Storage Temperature Range
THERMAL CHARACTERISTICS
Characteristics Thermal Resistance, Junction-to-Case 1) Derate linearly 5.71mW/0C for TA > +250C 2) Derate linearly 57.1mW/0C for TC > +250C
0
TO-39* (TO-205AD)
*See appendix A for package outline
ELECTRICAL CHARACTERISTICS (TA = 250C unless otherwise noted)
Characteristics Symbol VCEO(sus) ICEO IEBO ICEX ICBO Min. 100 100 100 10 10 Max. Unit Vdc Adc Adc Adc Adc
OFF CHARACTERISTICS
Collector-Emitter Sustaining Voltage IC = 50 mAdc Collector-Emitter Cutoff Current VCE = 100 Vdc Emitter-Base Cutoff Current VEB = 6.0 Vdc Collector-Emitter Cutoff Current VCE = 90 Vdc, VBE = 1.5 Vdc Collector-Base Cutoff Current VCB = 100 Vdc
6 Lake Street, Lawrence, MA 01841 1-800-446-1158 / (978) 794-1666 / Fax: (978) 689-0803
120101 Page 1 of 2
2N6193 JAN SERIES ELECTRICAL CHARACTERISTICS (con't)
Characteristics Symbol Min. Max. Unit
ON CHARACTERISTICS (3)
DC Current Gain IC = 0.5 Adc, VCE = 2.0 Vdc IC = 2.0 Adc, VCE = 2.0 Vdc IC = 5.0 Adc, VCE = 2.0 Vdc Collector-Emitter Saturation Voltage IC = 2.0 Adc, IB = 0.2 Adc IC = 5.0 Adc, IB = 0.5 Adc Base-Emitter Saturation Voltage IC = 2.0 Adc, IB = 0.2 Adc IC = 5.0 Adc, IB = 0.5 Adc hFE 60 60 40 240
VCE(sat)
0.7 1.2 1.2 1.8
Vdc
VBE(sat)
Vdc
DYNAMIC CHARACTERISTICS
Magnitude of Common Emitter Small-Signal Short Circuit Forward-Current Transfer Ratio IC = 0.5 Adc, VCE = 10 Vdc, f = 10 MHz Output Capacitance VCB = 10 Vdc, IE = 0, 100 kHz f 1.0 MHz Output Capacitance VBE = 2.0 Vdc, IC = 0, 100 kHz f 1.0 MHz
hfe
Cobo Cibo
t
3.0
15 300 1250 100 100 2.0 200 pF pF s s s s
SWITCHING CHARACTERISTICS
Delay Time Rise Time Storage Time Fall Time VCC = -40 Vdc, VBE(off) = 3.0 Vdc IC = 2.0 Adc, IB1= 0.2 Adc VCC = -40 Vdc IC = 2.0 Adc, IB1 = -IB2 = 0.2 Adc d r t s t f
t
SAFE OPERATING AREA
DC Tests TC = +250C, 1 Cycle, t 0.5 s Test 1 VCE = 2.0 Vdc, IC = 5.0 Adc Test 2 VCE = 90 Vdc, IC = 55 mAdc (3) Pulse Test: Pulse Width = 300s, Duty Cycle 2.0%.
6 Lake Street, Lawrence, MA 01841 1-800-446-1158 / (978) 794-1666 / Fax: (978) 689-0803
120101 Page 2 of 2


▲Up To Search▲   

 
Price & Availability of 2N6193

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X